Part Number Hot Search : 
2769A 0PT31 FMMTA14 ADUC7022 STI2506 ZSD100N8 S30S35PT HD404328
Product Description
Full Text Search
 

To Download RB1314330KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
RADIAL INDUCTOR CONFIGURATION & DIMENSIONSG
ABC'S DWG NO. ABC'S ITEM NO.
RB1314L-
O
C Ai 101
Wi
E Ai
A B C D E
F
: 11.70.8 : 12.01.0 : 15.03 : 18.03 +0 : 2.5 9.01.0 (A) 7.00.8 (B)
m/m m/m m/m m/m m/m m/m m/m
Marking : " " : Start
B Fig : A ( 3.3H~47H )
101----100 uH ( Inductance code ) Ai 101 D
Wi
F:
W : Per spec. (A) 0.80 (B)
E Ai
MarkingGE 101 " "G Start
B Fig : B ( 68H~15mH )
C
SCHEMATIC DIAGRAMG
F
O
MATERIALSG
aO CoreG Ferrite DR core bO WireG Enamelled copper wire ( Class F ) cO LeadG Sn/Ag/Cu dO TubeG Sheinkable tube 125J , 600V eO RemarkG Products comply with RoHS' requirements d
a b c
1/4O
GENERAL SPECIFICATIONG
aO Temp. riseG 20J max. at reted current. bO Storage temp.G -40J ---- +105J cO Operating temp.G -25J ---- +85J
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
RADIAL INDUCTOR ELECTRICAL CHARACTERISTICS G
DWG No. Inductance ( H ) 3.3 20% 4.7 20% 6.8 20% 10.0 20% 15.0 20% 22.0 10% 33.0 10% 47.0 10% 68.0 10% 100.0 10% 150.0 10% 220.0 10% 330.0 10% 470.0 10% 680.0 10% 1000.0 10% 1500.0 10% 2200.0 10% 3300.0 10% 4700.0 10% 6800.0 10% 10000.0 10% 15000.0 10% Q ref. 90 100 80 140 120 110 100 90 80 70 70 40 40 30 30 40 30 60 50 50 60 80 70
ABC'S DWG NO. ABC'S ITEM NO.
RB1314L-
1/2O
Test Freq. ( Hz ) L Q 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 7.96M 7.96M 7.96M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 796K 796K 796K 796K 796K 796K 252K 252K 252K 252K 252K 252K 79.6K 79.6K
RB13143R3ML- RB13144R7ML- RB13146R8ML- RB1314100ML- RB1314150ML- RB1314220KL- RB1314330KL- RB1314470KL- RB1314680KL- RB1314101KL- RB1314151KL- RB1314221KL- RB1314331KL- RB1314471KL- RB1314681KL- RB1314102KL- RB1314152KL- RB1314222KL- RB1314332KL- RB1314472KL- RB1314682KL- RB1314103KL- RB1314153KL- 1).
SRF ( MHz ) typ. 59.00 45.00 34.00 26.00 19.00 14.00 10.00 8.30 6.70 5.40 4.30 3.40 2.70 2.30 1.90 1.60 1.30 1.10 0.90 0.76 0.65 0.53 0.41
RDC () max. 0.008 0.009 0.012 0.015 0.019 0.026 0.045 0.056 0.092 0.120 0.200 0.250 0.420 0.510 0.790 1.300 1.700 2.900 3.700 5.600 9.400 12.000 15.000
IDC (A) max. 5.600 4.700 3.900 3.200 2.600 2.200 1.800 1.500 1.200 1.000 0.820 0.680 0.550 0.460 0.380 0.310 0.250 0.210 0.170 0.140 0.120 0.100 0.082
Wi m/m 0.8
0.7
0.6
0.8
2). "":Reference code 3). LeadG 0.6i a 0.8i m/m soldered copper wire ( 3.3uH a LeadG 0.8i m/m tinned copper wire ( 68uH a 15mH )
Packaging information... AG Bulk BG Trey 47uH )
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RB1314L-
3/4O
DWGING NUMBER EXPRESSIONG
R
B
1
3
1
4 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information Code A B C Inner package Box Tray Box Inner package Q'TY 130 280 150 pcs pcs pcs 680Ka 3R3Ma 3R3Ma Remark 153K 470K( A type ) 470K
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RB1314L-
O
UL CARDG
OBMW2 Magnet Wire-Component September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg Mark Dsg ____
____ ____ ____ ____
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____ ____
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
BC
Coat Typ
Polyamide ____ ____ ____ Nylon Polyamide
OC
MW80C MW2-C ___ MW75C MW28-C MW28-C
ANSI Type
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. 1/2 Marking: Company name or trademarks or aPqu , material designation or marked designation on packaed or reel, and Recognized Component Mark. See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of RB1314330KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X